Part Number Hot Search : 
B3874 A8041 AOTF8N50 1800A BT440 LC74793 32F10 MC10E
Product Description
Full Text Search
 

To Download 1N914A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Switching Diode 1N914/1N914A/1N914B
Switching Diode
Features
* * * * Fast switching speed Electrically indentical to standard JEDEC High Conductance Axial lead package ideally suited for automatic insertion
DO-35
Mechanical Data
* * * * * Case: Molded Glass DO-35 Terminals: Solderable per MIL-STD-202E, Method 208 Polarity: Color band denotes cathode Mounting position: Any Approx. Weight: approx. 0.13 gram
Maximum Ratings and Electrical Characteristics TA=25C unless otherwise specified
Symbol VR VRM VRMS IAV IFSM PTOT VF Parameters Reverse Voltage Peak Reverse Voltage RMS Voltage Maximum Average Forward Current Surge Forward Current Power Dissipation Maximum Forward Voltage Min Max --1.0 @ 10mA 1N914 1N914A 75 100 50 150 500 500 --1.0 @ 20mA 25 5.0 4 0.62 @ 5mA 0.72 @ 5mA 1.0 @ 100mA nA A pF at VR = 20V at VR = 75V VR=0, f=1MHz IF=10mA to IR =1mA, VR =6V, RL=100 C Volts 1N914B Unit V V V mA mA mW at f 50Hz at tp< 1s Condition
IR CJ
Maximum Leakage Current Maximum Capacitance (Note 1) Maximum Reverse Recovery Time Junction and Storage Temperature Range
TRR
4
ns
TJ, TSTG
-65 to +175
C
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-247-2232 Fax: (800)-TAITFAX (800)-TAITRON (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. B/NX 2007-08-31 Page 1 of 4
Switching Diode 1N914/1N914A/1N914B
Ratings and Characteristics Curves
Fig.1 ADMISSIBLE REPETITIVE PEAK FORWARD CURRENT VERSUS PULSE DURATION
IF Forward Current (mA)
Forward Voltage (V)
Fig.2 DYNAMIC FORWARD RESISTANCE VS FORWARD CURRENT
Fig.3 FORWARD CHARACTERISTICS
Rev. B/NX 2007-08-31 www.taitroncomponents.com Page 2 of 4
Switching Diode 1N914/1N914A/1N914B
PD, Power Dissipation (mW)
Ta, Ambient Temperature (C)
Fig.4 DERATING CURVE
Dimensions in inch (mm)
DO-35
Rev. B/NX 2007-08-31 www.taitroncomponents.com Page 3 of 4
Switching Diode 1N914/1N914A/1N914B
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 247-2232 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. B/NX 2007-08-31 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of 1N914A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X